PART |
Description |
Maker |
V53C16125H V53C16125HK60 V53C16125HT50 |
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM 128K x 16bit high performance fasr page mode CMOS dynamic RAM
|
Mosel Vitelic Corp Mosel Vitelic, Corp Mosel Vitelic Corp
|
V53C8125H V53C8125H30 V53C8125H35 V53C8125H40 V53C |
Ultra-high performance 128K x 8bit fast page mode CMOS dynamic RAM ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM 超高性能28K的乘八快速页面模式的CMOS动态随机存储器 OSC 3.3V SMT 7X5 CMOS 超高性能28K的乘八快速页面模式的CMOS动态随机存储器 ULTRA-HIGH PERFORMANCE/ 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
|
Mosel Vitelic Corp Mosel Vitelic, Corp. Mosel Vitelic Corp
|
IC41LV16100S-50TI IC41LV16100S-60TI IC41C16100S-45 |
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 100万166兆)动态与江户页面模式内存 1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 100万1616兆)动态与江户页面模式内存
|
Cypress Semiconductor, Corp. ITT, Corp. STMicroelectronics N.V. Micrel Semiconductor, Inc.
|
MB82DBS02163E-70L |
32 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Media Devices Limited
|
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
SST29LE010-120-3C-E SST29LE010-120-3C-EH SST29LE01 |
1 Megabit (128K x 8) Page Mode EEPROM
|
Silicon Storage Technology, Inc
|
IS41LV16100A-60TI IS41LV16100A-60K IS41LV16100A-50 |
RES 0805 1/8W 5% 2.4K 1M X 16 EDO DRAM, 60 ns, PDSO44 1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 1M X 16 EDO DRAM, 60 ns, PDSO42 1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 1M X 16 EDO DRAM, 50 ns, PDSO42 1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 1M X 16 EDO DRAM, 60 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
MX23C3211 MX23C3211MC-10 MX23C3211MC-12 MX23C3211R |
5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
|
MCNIX[Macronix International]
|
IC41C44002 |
4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
|
ICSI
|
IS41LV8205A IS41LV8205A-50J IS41LV8205A-50JL IS41L |
2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
|
INTEGRATED SILICON SOLUTION INC Integrated Silicon Solution, Inc
|
IS41LV16100B IS41LV16100B-50KI IS41LV16100B-50KL I |
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
|
ISSI[Integrated Silicon Solution, Inc]
|