PART |
Description |
Maker |
P6KE200 P6KE47 P6KE51 P6KE300 P6KE56 P6KE33 P6KE75 |
TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器(TransZorb瞬变电压抑制器) TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB瞬态电压抑制器 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
GE Security, Inc. GE[General Semiconductor] Panjit International Inc Shanghai Sunrise Electronics
|
P6KE180CA P6KE20C P6KE20CA P6KE16CA P6KE20A P6KE25 |
600w Transient Voltage Suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 600w Transient Voltage Suppressor 六百瓦特瞬态电压抑制器 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 -40 to 125 六百瓦特瞬态电压抑制器
|
Panjit International Inc COMCHIP[Comchip Technology] Comchip Technology Co., Ltd.
|
P6KE6V8A P6KE27A-B P6KE47CA-B P6KE62CA-B P6KE82CA- |
600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Diodes Incorporated Diodes, Inc.
|
P6KE150A-T8 P6KE11A-T8 P6KE12A-T8 P6KE13A-T8 P6KE1 |
600W TRANSIENT VOLTAGE SUPPRESSOR
|
Won-Top Electronics Co., Ltd.
|
P6SMBJ220CA-T3 P6SMBJ180 P6SMBJ180A P6SMBJ180A-T3 |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
WTE[Won-Top Electronics]
|
P6SMB9.1 P6SMB6.8 P6SMB10 |
600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
|
Taiwan Semiconductor Co...
|
P6KE51A-HF P6KE27A-HF P6KE550A-HF P6KE9.1A-HF |
600W Transient Voltage Suppressor 600W Transient Voltage Suppressor
|
Comchip Technology
|
P6KE39 P6KE39A P6KE33 P6KE P6KE200 P6KE7.5A P6KE6. |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W TRANSIENT VOLTAGE SUPPRESSORS DIODE 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 瞬态抑制二极管 Dual 8-Bit Parity Generator/Checker 24-PDIP -40 to 85 瞬态抑制二极管 Replaced by CC1100 : Single-Chip RF Transceiver 48-LQFP 瞬态抑制二极管
|
Jinan Gude Electronic D... Jinan Gude Electronic Devic... Microsemi Shanghai Sunrise Electronics JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
P6SMBJ54-LFR P6SMBJ12-LFR P6SMBJ7.0-LFR P6SMBJ8.0A |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Frontier Electronics.
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|