PART |
Description |
Maker |
OTS-1V2ATR1DTR1ETR |
Optiva Standard, 1 Composite Video, 2 Duplex Analog Audio,1 Duplex RS-232/422/485 and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
2832577 |
Ethernet Switch, 7 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
2832674 |
Ethernet switch, 6 TP RJ45 ports, 2 FO ports, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
MAX9259GCB/V MAX9259GCB/VT MAX9259GTN/VT MAX9260GC |
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
|
Maxim Integrated Products http://
|
MAX9259GCB/V MAX9259GCB/VT |
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
|
Maxim Integrated Produc...
|
ADM4851ARZ-REEL7 ADM4852ACPZ-REEL7 ADM4850ARMZ ADM |
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers 5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
|
Analog Devices
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SP1490EENTR SP1491EENTR SP1491ECN_TR SP1491ECN SP1 |
Full Duplex RS-485 Transceivers
|
Sipex Corporation
|
RTL8019AS |
Full-Duplex Ethernet Controller
|
Realtek
|
CX20873 |
Full duplex stereo I2S/PCM
|
Conexant Systems, Inc
|