PART |
Description |
Maker |
MAX536/MAX537 |
Calibrated Quad 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
MAX526 MAX526CCNG MAX526CCWG MAX526CENG MAX526CEWG |
Galibrated Quad 12-Bit Voltage-Output D/A Converters Calibrated, Quad, Voltage-Output, 12-Bit DAC
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX178 MAX178ACNG MAX178ACWG MAX178AENG MAX178AEWG |
Calibrated, 12-Bit ADC with Track/Hold and Reference Calibrated 12-Bit ADC with T/H and Reference Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-13 RoHS Compliant: No SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination JT 4C 4#16 PIN RECP RECTIFIER 6A 800V R-6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
AD5307 AD5307BRU AD5317BRU AD5327BRU |
IC-SM-QUAD 12-BIT DAC 2.5V IC-SM-QUAD 10-BIT DAC 2.5V IC-SM-QUAD 8-BIT DAC 2.5V 2.5 V to 5.5 V, 400 A, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP
|
Analog Devices
|
5962H9475407QYC 5962H9475407QYA 5962H9475405VLA 59 |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Fuse-Programmable PLD 保险丝,可编程的PLD Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 保险丝,可编程的PLD
|
Harwin PLC
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
AD7399 AD7399BR AD7399BR-REEL7 AD7399BRU-REEL7 AD7 |
0.3-7V; quad, serial-input 12-bit DAC. For automatic output span voltage, portable communications Quad/ Serial-Input 12-Bit/10-Bit DACs Quad, Serial-Input 12-Bit/10-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7399BRU AD7398BR-REEL AD7398BRZ AD7398BRZ-REEL7 |
Quad, Serial-Input 10-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs
|
Analog Devices, Inc.
|
FST32211 |
Quad 12-Bit to Single 48-Bit Bus Switch (Preliminary)(Quad 12-Bit to Single 48-Bit Bus Switch 四路12位到单路48位的总线开 四路12位的8位总线开关(初步)(12位的8位总线开关四12位到单路48位的总线开关)
|
Fairchild Semiconductor, Corp.
|
MC14519BCL MC14519BCP MC14519BD ON0905 MC14519B |
4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive NOR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT XNOR GATE, CDIP16 From old datasheet system
|
Maxim Integrated Products, Inc. MOTOROLA[Motorola, Inc]
|
74VHC125BQ 74VHCT125PW |
Quad buffer-line driver; 3-state AHC/VHC/H/U/V SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
NXP Semiconductors N.V.
|
|