PART |
Description |
Maker |
MAX2820AETM-TD MAX2821AETMTD MAX2820AETMTD MAX2820 |
2.4GHz 802.11b Zero-IF Transceivers
|
Maxim Integrated Products KOA Speer Electronics, Inc. Maxim Integrated Produc...
|
RF5325SR RF5325TR7 RF5325SQ RF5325PCK-410 |
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
|
RF Micro Devices
|
RF5365 RF5365SQ RF5365SR RF5365PCK-410 RF5365TR7 |
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
|
RF Micro Devices
|
RFFM4204PCK-410 RFFM4204SB RFFM4204SQ RFFM4204SR R |
WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
|
RF Micro Devices
|
RFFM4203 RFFM4203SQ RFFM4203SR RFFM4203PCK-410 RFF |
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
|
RF Micro Devices
|
RFFM8250SR RFFM8250PCK-410 RFFM8250SQ RFFM8250SB |
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
|
RF Micro Devices
|
BCM94326 BCM4326 |
AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单芯片电机及电子学工程师联合会支持802.11b / g MAC /基频/收音机集成CPU
|
Broadcom, Corp. Broadcom Corp.
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
AM52-0023TR-3000 AM52-0023 AM52-0023SMB AM52-0023T |
Power Amplifier with T/R Switch for 802.11b
|
MACOM[Tyco Electronics]
|
UPG2150T5L07 UPG2150T5L-E2 UPG2150T5L |
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
|
CEL[California Eastern Labs]
|
TQS5201 |
TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
|
TriQuint Semiconductor,Inc.
|