PART |
Description |
Maker |
M58BW016BB70T3T |
16 MBIT (512KB X32, BOOT BLOCK, BURST) 3V SUPPLY FLASH MEMORIES
|
ST Microelectronics
|
M295V400BT45M1T M295V400BT45M3T M295V400BT45M6T M2 |
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicroelectronics
|
M28W800CT M28W800CB M28W800CT100N1T M28W800CT100N6 |
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory 8 MBIT (512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics]
|
M29F800DB M29F800DB55M1E M29F800DB55M1F M29F800DB5 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M29F800DB90N3T |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 5V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M58BW16F M58BW16FB4T3 M58BW16FB4T3F M58BW16FB4T3T |
16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W800AB M29W800AB100M1T M29W800AB100M5T M29W800A |
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29W400BB M29W400BB120M1T M29W400BB120M6T M29W400B |
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory 4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F800AB M29F800AT 6442 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M29W800DB M29W800DT M29W800DB70M1T M29W800DB70M6T |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory Low-Power Configurable Multiple-Function Gate 6-SOT-23 -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|