PART |
Description |
Maker |
AT25DF081-UUN-T AT25DF081-MHN-Y AT25DF081-MHN-T AT |
4 Mbit Uniform Sector, Serial Flash Memory 1M X 8 FLASH 1.8V PROM, PDSO8 8-megabit 1.65-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
TE28F640J3 TE28F256J3 TE28F320J3C-110 TE28F128J3A- |
8M X 16 FLASH 2.7V PROM, 120 ns, PDSO56 Intel StrataFlash Memory (J3) Strata Flash Memory 256M 256M Strata Flash Memory
|
NUMONYX Intel Corporation
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AT91FR40162SB-CU AT91FR40162SB AT91FR40162SBPRE AT |
Flash memory in a single compact 121-ball BGA package 1024K Words 16-bit Flash Memory (2M bytes)
|
ATMEL Corporation
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
EN29LV640U EN29LV640U-70R EN29LV641H EN29LV641H-70 |
64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
|
Eon Silicon Solution Inc. ETC
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
CAT28F020HI-12T CAT28F020 CAT28F020HI-90T CAT28F02 |
2 Megabit CMOS Flash Memory 2 Mb CMOS Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
ON Semiconductor
|
16235STRD 16235LEDLED 16235FAM 16235FSL 16235FST 1 |
IC, AM29LV641DH90REI, 8MB FLSH, TSOP48 M29LV400BB 4 MBIT FLASH MEMORY TSOP48 IC/MEMORY//4-MBIT (512K X 8-BIT/256K X 16- FLASH_64_MEGABIT IC, FLASH , 4MX16 90NS, FBGA-64, 13X11MM, 1.0MM PITCH IC, BOOT FLASH, TSOP-48 PACIFIC DISPLAY DEVICES 太平洋显示器 AMD 64 MB FLASH MIRROR BIT 太平洋显示器
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Pacific Display Devices Electronic Theatre Controls, Inc.
|
CAT28F512P-12T CAT28F512N-15T CAT28F512NA-12T CAT2 |
64K X 8 FLASH 12V PROM, 90 ns, PDSO32 512K-Bit CMOS Flash Memory Bulk Erase Flash Memory, 512Kb 64K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
http:// CATALYST[Catalyst Semiconductor]
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|