PART |
Description |
Maker |
IDT70T633S12BCI IDT70T633S15BF IDT70T633S15BFI IDT |
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA256 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 高.5V12/256K.3V 5011 2.5V的接口18 ASYNCHRONO美国双端口静态RAM JFET-Input Operational Amplifier 8-SOIC 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 8 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 WRISTBAND, ELASTIC, ADJUSTABLE 4MM RoHS Compliant: NA High-speed 2.5V 512 x 18 asynchronous dual-port static RAM, 15ns
|
Integrated Device Technology, Inc. IDT
|
HY62SF16404D HY62SF16404D-DF85I |
256K X 16 STANDARD SRAM, 85 ns, PBGA48 High speed, super low power and 4M bit full CMOS SRAM organized as 256K words by 16bits
|
HYNIX SEMICONDUCTOR INC
|
CXK77B1841GB |
4Mb Late Write LVTTL High Speed Synchronous SRAM (256K x 18Bit)(4M位、写延迟LVTTL高速同步静态RAM (256K x 18) 4Mb的后写入LVTTL高速同步SRAM56 × 18位)分位,写延迟LVTTL高速同步静态随机存储器56 × 18位)
|
Sony, Corp.
|
P3C1041-10TI P3C1041-10TC P3C1041-10JC P3C1041-10J |
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44 HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Pyramid Semiconductor, Corp.
|
IC61LV2568 IC61LV2568-8TI IC61LV2568-10K IC61LV256 |
ASYNCHRONOUS STATIC RAM, High Speed A.SRAM 256K x 8 Hight Speed SRAM with 3.3V
|
ICSI[Integrated Circuit Solution Inc]
|
EM614163A-30 EM614163A-40 EM614163TS-30 EM614163TS |
256K x 16 High Speed EDO DRAM
|
Etron Tech List of Unclassifed Manufacturers ETRONTECH
|
EM614163 EM614163A EM614163A-30 EM614163A-35 EM614 |
256K X 16 HIGH SPEED EDO DRAM
|
ETC[ETC]
|
IS61LV2568-10KI IS61LV2568-10TI IS61LV256803 IS61L |
256K x 8 HIGH-SPEED CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
MB81C86 |
CMOS 256K-BIT HIGH-SPEED SRAM
|
Fujitsu Media Devices
|