PART |
Description |
Maker |
HCHR005-205 HCHR007-206 HCHR008-206 HCHR012-206 HC |
Receptacle With No Tail Analog IC 模拟IC
|
Bourns, Inc. Amphenol Tuchel TE Connectivity, Ltd.
|
HCMS2314TXV HCMS2012TXV HCMS2352TXV HCMS2310TXVB H |
Optoelectronic Receptacle With A Standard Tail
|
|
M80-5L12042M5-02-313-01-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 20 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contact
|
HARWIN INC
|
MMB1502R960-263 MM-B1502-R960 36718-0007 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circui 2.54mm (.100) Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au), PC Tail Length 4.50mm (.177), 96 Circuits
|
Molex Electronics Ltd.
|
NTGS3443T1/D NTGS3443T1-D |
Power MOSFET 2 Amps, 20 Volts P-Channel TSOP-6 Receptacle With A Wire Wrap Tail
|
ON Semiconductor
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
UE27AE54100 |
UNIVERSAL SERIAL BUS (SERIES A) RECEPTACLE, STRAIGHT PCB TAIL, VERTICAL MOUNT-RoHS COMPLIANT
|
Amphenol Corporation
|
74320-4004 0743204004 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.0921) PC Tail Length, MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.0921") PC Tail Le
|
Molex Electronics Ltd.
|
0791077270 79107-7270 |
2.00mm (.079) Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length
|
Molex Electronics Ltd.
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
74320-1000 0743201000 |
MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, 2.34mm (.092) P.C. Tail Length, 29 Circuits, Lead Free
|
Molex Electronics Ltd.
|
|