PART |
Description |
Maker |
36509-0038 MM-B2500-R963 0365090038 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
85003-0610 0850030610 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1渭m (40渭") Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1楼矛m (40楼矛") Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
0850520830 85052-0830 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
36511-0098 0365110098 MMB1501R963 MM-B1501-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 2.90mm (.114), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
85042-9025 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-1330 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-0294 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850420074 85042-0074 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
0850421079 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
|