PART |
Description |
Maker |
2N640004 2N6401G 2N6426G 2N6405G 2N6400 2N6401 2N6 |
Silicon Controlled Rectifier 16A 400V Darlington Transistors NPN Silicon Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
|
ONSEMI[ON Semiconductor]
|
NTE5513 NTE5511 NTE5512 |
Silicon controlled rectifier (SCR), 5 Amp. Peak reverse voltage (repetitive) Vrm(rep) = 400V. Forward current RMS Ifrms = 5A. Silicon Controlled Rectifier (SCR) 5 Amp
|
NTE[NTE Electronics]
|
2N3670 2N4103 2N3669 2N3668 |
12.5A silicon controlled rectifier. Vrm(non-rep) 330V. 12.5A SILICON CONTROLLED RECTIFIERS
|
General Electric Solid State GE[General Semiconductor] GE Security, Inc.
|
P131 P133 |
Silicon Controlled Rectifier, 28 A, 400 V, SCR Silicon Controlled Rectifier, 28 A, 800 V, SCR
|
Vishay Semiconductors
|
BYV28-50 BYV28-600 BYV28 BYV28-500 BYV28-100 BYV28 |
From old datasheet system Ultra fast low-loss controlled avalanche rectifiers 1.9 A, 50 V, SILICON, RECTIFIER DIODE Ultra fast low-loss controlled avalanche rectifier(超快速低损耗控制的雪崩整流 1.9 A, 200 V, SILICON, RECTIFIER DIODE
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
2N689A 2N684A 2N686A 2N684 2N691 2N683 2N688 2N692 |
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS 25 A, 150 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 25 AMPS 25 THRU 800 VOLTS Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
SCR006 SCR006-15 |
RECTIFIER FAST SWITCHING SILICON CONTROLLED RECTIFIER
|
Solid States Devices, Inc Solid States Devices, I...
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MCR718 MCR718T4 MCR716T4 MCR716 |
Silicon Controlled Rectifier (Reverse Blocking Thyristors) Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 − 600 VOLTS) Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 - 600 VOLTS)
|
ONSEMI[ON Semiconductor]
|
|