PART |
Description |
Maker |
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
BCX38A GES6014 2N5812 BCX38B |
Leaded Small Signal Transistor Darlington Small Signal Transistors
|
CENTRAL[Central Semiconductor Corp]
|
MMBF4391LT1 MMBF4391LT1G MMBF4392L MMBF4393LT1G MM |
Small Signal JFET JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-236AB JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
ONSEMI[ON Semiconductor]
|
BC327-40-AP BC327-40 BC327-25-AP BC327-25 8852 |
500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 From old datasheet system SMALL SIGNAL PNP TRANSISTORS
|
STMicroelectronics
|
SMUN5312DW SMUN5313DW SMUN5311DW SMUN5330DW SMUN53 |
NPN / PNP Digital Small Signal Transistor Digital Small Signal Transistors
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
CMNT3904E CMNT3906E CMNT3906EBK CMNT3904ETR |
COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor Corp
|
MPS2222RLRPG MPS2222AG MPS2222ARLG MPS2222ARLRAG M |
General Purpose Transistors Small Signal General Purpose NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors
|
ON Semiconductor
|
UMT2907A MMST2907 SST2907A MMST2907A PN2907A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) PNP Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
2SD2470 A5800325 2SD2142K |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system High Gain Amplifier Transistor
|
Rohm
|
2SA830S 2SB852K 2SC1645S 2SD1383K 2SC1645STPB |
TRANSISTOR | BJT | DARLINGTON | NPN | 32V V(BR)CEO | 300MA I(C) | TO-92VAR Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
ROHM
|