PART |
Description |
Maker |
TOP224Y TOP227Y TOP223Y TOP221Y TOP222Y TOP226Y TO |
Three-terminal Off-line PWM Switch
|
Power Integrations Inc Power Integrations, Inc.
|
TOP100YN TOP101YAI TOP103YN TOP103YAI TOP104YN TOP |
Three-terminal Off-line PWM Switch
|
Power Integrations, Inc. Power Integrations, Inc...
|
TOP214YN TOP200YN TOP201YN TOP202YN TOP203YN TOP20 |
Family Three-terminal Off-line PWM Switch SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSFM3
|
Power Integrations, Inc. POWER INTEGRATIONS INC Power Integrations, Inc...
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
ZJSR5101-102 ZJSR5101-333 ZJSR5101-470 ZJSR5101-47 |
3-TERMINAL FILTERS FOR SIGNAL LINE AND DC POWER LINE LEAD(ROUND)
|
TDK Corporation ETC TDK Electronics
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
STR3A151D STR3A153D STR3A154D STR3A155D STR3A152D |
PWM Off-Line Switching Regulator ICs
|
Allegro MicroSystems Sanken electric
|
STR5A164D |
Off-Line PWM Controllers with Integrated Power MOSFET
|
Sanken electric
|
ICE2QR4765 ICE2QR476510 |
Off-Line SMPS Quasi-Resonant PWM Controller
|
Infineon Technologies AG
|
STR-W6052S STR-W6000S STR-W6051S STR-W6053S STR-W6 |
Off-Line PWM Controllers with Integrated Power MOSFET
|
Sanken electric
|
XC6367F512MR XC6367E512MR XC6367B512MR XC6367D512M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers PWM控制,PWM / PFM切换升压DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|