PART |
Description |
Maker |
BL-B4534-1-L |
LED GaAsP/GaP Hi-Eff Red Low current requirement. 18 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L PDIP, EPAD Enabled, Industrial Temp
|
Bright LED Electronics Corp.
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
C9914GB C9913GC C9406GC |
Integrating optical system, image sensor and circuit
|
Hamamatsu Corporation
|
TMP90CM40 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit CUP,A/D Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event Counter
|
Toshiba Corporation
|
MP8037 |
17 Bit Moderate Speed Triple-Slope Integrating A/D Converter
|
Analogic
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
TMP90C801 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit CPU,RAM,ROM,General Serial Interface,Timer/Event Counter(高速、先进的 CMOS 8位微控制器(芯片集成位CPU,ROM,RAM,通用串行接口,定时器/事件计数器))
|
Toshiba Corporation
|
TMP90CM36 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating RAM,ROM,General Serial Interface,Multifuction Timer/Event Counter,Signal Selector Circuit
|
Toshiba Corporation
|
TMP90C051 |
High Speed CMOS 8-bit Microcontroller,Integrating DMA, DRAM
Controller,Serial Interface, Timer/Event Counter(高CMOS 8位微控制器(芯片集成了DMA,DRAM控制器,串行接口,定时器/事件计数器))
|
Toshiba Corporation
|
|