PART |
Description |
Maker |
PCA2002CX8/5/1 PCA2002U/10AB/1 PCA2002U/AB/1 |
32 kHz watch circuit with programmable output period and pulse width
|
NXP Semiconductors
|
PCA2003 PCA2003U_10AA |
32 kHz watch circuit with programmable adaptive motor pulse and pulse period
|
NXP Semiconductors
|
LA4589W LA4589 |
XTAL, 32.768 KHZ SURFACE MOUNT WATCH CRYSTAL 1.5V的立体声耳机放大器和功率放大 1.5V STEREO HEADPHONE PREAMPLIFIER AND POWER AMPLIFIER
|
BI Technologies, Corp. Sanyo Semicon Device
|
AME8510AEEVAFE22 AME8510AEEVBFX23 AME8510AEEVCFX23 |
Threshold voltage: 2.19V; micropower uP watch dog timer Threshold voltage: 2.32V; micropower uP watch dog timer Threshold voltage: 2.63V; micropower uP watch dog timer Threshold voltage: 2.93V; micropower uP watch dog timer Threshold voltage: 4.63V; micropower uP watch dog timer Threshold voltage: 4.38V; micropower uP watch dog timer Threshold voltage: 3.08V; micropower uP watch dog timer
|
AME
|
ISL6532A ISL6532ACR ISL6532ACR-T ISL6532ACRZ ISL65 |
PWM Control Circuit 16-SOIC 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 ACPI Regulator/Controller for Dual Channel DDR Memory Systems 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 PWM Control Circuit 16-SSOP 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp. Intersil Corporation
|
PCA1532T |
32 kHz clock circuit
|
NXP
|
AME8510AEEVAFE31 AME8530AEEVEFX29Z AME8510AEEVAFE2 |
Micropower mP Watch Dog Timer Micropower UP Watch Dog Timer 微向上看门狗定时 Micropower uP Watch Dog Timer 微看门狗定时器的uP Micropower UP Watch Dog Timer
|
AME, Inc. Analog Microelectronics
|
EL5126 EL5126CL EL5126CL-T13 EL5126CL-T7 |
8-Channel TFT-LCD Reference Voltage Generator SPECIALTY ANALOG CIRCUIT, QCC32 Reference Voltage Generator, 8-Channel TFT-LCD, VOUT Prog via 10-Bit DAC
|
Intersil, Corp. Intersil Corporation
|
CS42432-CMZR CS42432-DMZ CS42432-DMZR CDB42438 |
108 dB, 192 kHz 4-in, 6-out TDM CODEC SPECIALTY CONSUMER CIRCUIT, PQFP52
|
Cirrus Logic, Inc.
|
CS42426 CDB42428 CS42426-DQZ CS42426-CQZ CS42426-D |
114 dB, 192 kHz 6-Ch Codec with PLL SPECIALTY CONSUMER CIRCUIT, PQFP64
|
Cirrus Logic, Inc.
|
42050-910 42050 42050-055 42050-109 42050-128 4205 |
30V DC; 10A; positive voltage regulator. For use in general purpose applications 26V DC; 10A; positive voltage regulator. For use in general purpose applications 24V DC; 10A; positive voltage regulator. For use in general purpose applications 22V DC; 10A; positive voltage regulator. For use in general purpose applications 28V DC; 10A; positive voltage regulator. For use in general purpose applications POSITIVE VOLTAGE REGULATORS CRYSTAL 32.768KHZ 8PF CYLINDER XTAL MTL T/H 2X6 WATCH CRYSTAL 32.768KHZ 6PF SMD XTAL MTL T/H 3X8 WATCH XTAL CER SMT OTHER 5.0 AMP POSITIVE VOLTAGE REGULATOR XTAL SMT WATCH 8X4 4PAD 28 V FIXED POSITIVE REGULATOR, BFM2 XTAL SMT WATCH 10X4 4PAD 32 V FIXED POSITIVE REGULATOR, BFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc. MICROPAC INDUSTRIES INC
|
CS8416-DNZ CS8416-DZZ CS8416-DNZR CS8416-CZZ CS841 |
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER SPECIALTY CONSUMER CIRCUIT, PDSO28
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|