PART |
Description |
Maker |
IDT72V2103L7-5BC IDT72V2103L7-5BCI IDT72V2103L7-5P |
128K x 18 / 256K x 9 SuperSync II FIFO, 3.3V 256K x 18 / 512K x 9 SuperSync II FIFO, 3.3V
|
IDT
|
GS840E18 GS840E36B-166I GS840E18B-166I GS840E32T-1 |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 8.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8.5 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|
IDT71V25761 IDT71V25781 IDT71V25781S166PF IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.3 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消
|
Integrated Device Technology, Inc.
|
GS840F18AGT-7.5I GS840F36AGT-7.5I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
IS61NF25618-10BI IS61NF25618-8.5TQ IS61NF25618-8.5 |
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
|
Integrated Silicon Solution, Inc Integrated Silicon Solu...
|
IS61NLP12832A-250B2 IS61NLP12832A-200B3I IS61NLP12 |
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 2.6 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 3.1 ns, PBGA165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 3.1 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
CYM9263-66C CYM9260 CYM9260-50C CYM9260-66C CYM926 |
64K/128K/256K/512K x 72 SRAM Module 64K(128K, 256K, 512K) x 72 SRAM Module PRE-PLUG SNAGLESS MODULAR BOOT CAT5 MOD PLUGS, STRANDED SHIELDED 25 PK PURPLE PRE-PLUG BOOT 50 PAK CAT 6 KEY COUP BLACK THROUGH COUPLER WHITE PRE-PLUG 50 PK 256K X 72 CACHE SRAM MODULE, 14 ns, DMA168
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
|