PART |
Description |
Maker |
D5003MC22P0 1171-1061 D1004MC22P0 |
Sens-A-Coil Temperature Sensor
|
Spectrum Microwave, Inc.
|
EMC1413-1-AIZL-TR EMC1413-A-AIZL-TR EMC1413-3-AIZL |
Multiple Channel 1°C Temperature Sensors with Beta Compensation
|
Microchip Technology
|
EMC1412-2-ACZL-TR EMC1412-A-AC3-TR EMC1412-A-ACZL- |
Multiple Channel 1 Temperature Sensor with Beta Compensation
|
SMSC Corporation Microchip Technology
|
EMC1046-6-AIZL EMC1047-1-AIZL EMC1046-1-AIZL |
1°C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
|
SMSC Corporation
|
EMC1428-1-AP EMC1428-6-AP |
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
|
SMSC Corporation
|
H3YN-41-Z H3YN-2-Z H3YN-21 H3YN-21-Z H3YN-4-Z OMRO |
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes) 固态定时器(小型定时器多时间和多种经营模式
|
Omron Electronics, LLC
|
M36WT864TF 8967 M36WV8B85ZA6T M36WT864 M36WT864B10 |
From old datasheet system 64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
HIP6500B HIP6500BCB HIP6500BEVAL1 FN4870 |
Multiple (5) Linear Controller, ACPI Control Interface Multiple Linear Power Controller with ACPI Control Interface Multiple Linear Power Controller with Multiple Linear Power Controller with From old datasheet system
|
INTERSIL[Intersil Corporation]
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
74AUP1G57GMAC 74AUP1G57GSAC 74AUP1G57GS 74AUP1G57G |
Low-power configurable multiple function gate SPECIALTY LOGIC CIRCUIT, PDSO6 Low-power configurable multiple function gate 低功耗可配置的多功能
|
NXP Semiconductors N.V.
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
HIP6502B HIP6502BCB HIP6502BEVAL1 FN4871 |
Multiple (5) Linear Controller, ACPI Control Interface From old datasheet system Multiple Linear Power Controller with ACPI Control Interface
|
INTERSIL[Intersil Corporation] http://
|