PART |
Description |
Maker |
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
CY7C1372CV25-167AI CY7C1372CV25-167BGI CY7C1372CV2 |
512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 12k × 36/1M × 18流水线的SRAM架构的总线延迟 CAP,Ceramic,10000pF,500VDC,10-% Tol,10% Tol,X7R-TC Code,-15,15%-TC,30ppm-TC RoHS Compliant: Yes 512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
AS5C2568 AS5C2568DJ-20_XT AS5C2568DJ-12_883C AS5C2 |
SRAM 32K x 8 SRAM SRAM MEMORY ARRAY SRAM 静态存储器
|
ETC AUSTIN[Austin Semiconductor] Electronic Theatre Controls, Inc.
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
AS5C4009LLDG-100/XT AS5C4009LLDG-100/IT AS5C4009LL |
512K*8 SRAM ultra Low power SRAM AVAILABLE AS MILITARY SPECIFICATION x8 SRAM x8的SRAM
|
Austin Semiconductor, Inc
|
HM66AQB18202BP-40 HM66AQB18202BP-50 HM66AQB18202BP |
Memory>Fast SRAM>QDR SRAM 36-Mbit QDRTMII SRAM 2-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
AS7C251MPFD32_36A AS7C251MPFD36A-200TQIN AS7C251MP |
Sync SRAM - 2.5V 2.5V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.1 ns, PQFP100
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] SRAM Alliance Semiconductor, Corp.
|
AS7C164 AS7C164-20 AS7C164-20JC AS7C164-12 AS7C164 |
8K X 8 STANDARD SRAM, 12 ns, PDSO28 SRAM - 5V Fast Asynchronous 5V 8K X 8 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
AS7C252MNTD18A AS7C252MNTD18A_V1.2 AS7C252MNTD18A- |
2.5V 2M x 18 Pipelined SRAM with NTD 2M X 18 ZBT SRAM, 3.2 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
WMS128K8V-17 WMS128K8V-35 WMS128K8V-20DRMA WMS128K |
128Kx8 3.3V Monolithic SRAM(128Kx8,3.3V,单片静态RAM(存取时7ns 128Kx8 3.3单片的SRAM28Kx83.3伏,单片静态随机存储器(存取时间为35ns)) 128K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 128K X 8 STANDARD SRAM, 15 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 17 ns, CDIP32 SINGLE CAVITY, SIDE BRAZED, CERAMIC, DIP-32 128K X 8 STANDARD SRAM, 20 ns, CDFP32
|
White Electronic Designs Corporation White Electronic Designs, Corp.
|