PART |
Description |
Maker |
IRF7534D1 IRF7534D1TR |
-20V FETKY - MOSFET and Schottky Diode in a Micro 8 package FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V) Co-packaged HEXFET Power MOSFET and Schottky Diode(同封HEXFET晶体管和肖特基二极管)
|
IRF[International Rectifier]
|
NSR0240P2T5G |
40V 0.2A low IR SOD-923 Schottky Diode 0.2 A, 40 V, SILICON, SIGNAL DIODE Schottky Barrier Diode
|
ON Semiconductor
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
BAS70DW-04 BAS70DW-06-TP BAS70TW BAS70DW-05 |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 70V SOT363 0.07 A, 70 V, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
Q62702-A1234 |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS[Siemens Semiconductor Group]
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|
NTLJF3118N NTLJF3118NTAG NTLJF3118NTBG |
Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
|
ON Semiconductor
|
CMLSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT PICOmini LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
MBR0540 2497 |
40V 0.5A Schottky Discrete Diode in a SOD-123 package From old datasheet system SCHOTTKY DIODE
|
International Rectifier
|
BAT66-05 BAT66_05 Q62702-A988 |
From old datasheet system Silicon Schottky Diode (Low-power Schottky rectifier diode)
|
SIEMENS[Siemens Semiconductor Group]
|
BAT54WS |
30V 0.2A Schottky Discrete Diode in a SOD-323 package SCHOTTKY DIODE 0.6 Amp
|
International Rectifier
|