PART |
Description |
Maker |
39-01-2225 39-01-2025 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:2; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V
|
Molex, Inc. MOLEX INC
|
PE2011 |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 1-2 GHz OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
PE2012 |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:1-2 GHz 4 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
PE2020 |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:7-12.4 GHz 2 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
03-09-1064 03-09-2061 03-09-6061 03-09-7062 |
Circular Connector; Series:1261R; Gender:Female; Number of Contacts:6 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN PLUG 6POS .093 PANEL MOUNT 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG 093 Pwr Conn Rcpt Black Ears/Lk 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-56-6387 22-56-6207 22-56-6407 22-56-6187 |
CGrid SL Hsg Opt F DR 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp Housing; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female; Series:70450 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt F DR 40Ckt 22566187
|
Molex, Inc. MOLEX INC
|
PE2003 |
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 10-1000 MHz 2 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
PE2007 |
BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-200 MHz 3 OUTPUT PORTS
|
Pasternack Enterprises, Inc.
|
03-09-1081 |
Multipole Connector; Gender:Female; Number of Contacts:3; Series:1396R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm
|
MOLEX INC
|
09-91-0900 09-91-1200 09-91-2000 09-92-0900 09-92- |
3.96mm KK WtB Crp Trm Hsg W/LRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp terminal housing, female, 12 contact, straight, white, pcb mount 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:20; Series:KK; Body Material:Nylon; Number of Rows:1 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:7; Series:KK; Body Material:Nylon; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|