PART |
Description |
Maker |
CFRC301-G12 CFRC301-G CFRC302-G CFRC303-G CFRC304- |
Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=3A Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=3A Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=3A Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=3A SMD Fast Recovery Rectifiers Fast Recovery Rectifiers, V-RRM=50V, V-R=50V, I-O=3A Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=3A Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=3A
|
Comchip Technology
|
30CPF06 30CPF04 30CPF02 30EPF04 30EPF06 30EPF02 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-247AC (2-Pin) package 600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC package 400V Fast Recovery Diode in a TO-247AC package 600V Fast Recovery Diode in a TO-247AC package
|
International Rectifier, Corp.
|
ES3A ES3B ES3C ES3D ES3G ES3J |
Super Fast Recovery Pack: SMC SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE拢潞50 TO 600V CURRENT拢潞3.0A SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE?0 TO 600V CURRENT?.0A
|
Gulf Semiconductor http://
|
BYV28-200 BYV28-2GE BYV28-4GE BYV28-6GE BYV28-1GE |
Super Fast Recovery Pack: DO-201AD Ultra Fast Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE:600V CURRENT:3.5A
|
Gulf Semiconductor
|
RGP30J-B RGPB30J |
Fast Recovery Pack: G3 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
|
Gulf Semiconductor
|
IRG4BC20FD IRG4BC20FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
|
International Rectifier IRF
|
F10L60U SF10L60 SF10L60U |
Super Fast Recovery Rectifiers(600V 10A) Super Fast Recovery Rectifiers - Single (Two Terminal Type)
|
Shindengen Electric Mfg... SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|