PART |
Description |
Maker |
JR13WRR-4 JR13WCCR-4 JR13WRC-3SC JR13WRC-3S JR13WR |
TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIASED PNP SOT323 DIODE ZENER SINGLE 200mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-323 3K/REEL DIODE SWITCHING SINGLE 75V 250mA-Io 400mW 4ns-trr SOD-123 3K/REEL High-performance water-proof circular connector JR-W connector 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 200mW 14Vz 10mA-Izt 0.02503 0.05uA-Ir 11 SOD-323 3K/REEL 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT-23 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 150MW SOT523 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT23 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 300mW 5.1Vz 5mA-Izt 0.0588 2uA-Ir 2 SOT-23 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 16.1Vz 10mA-Izt 0.02547 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE SWITCHING SINGLE 75V 250mA-Io 200mW 4ns-trr SOD-323 3K/REEL 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO 高性能防水圆形连接JR钨接 HEATPAD TO-220 .006 K4 高性能防水圆形连接JR钨接
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
PWB PWB-5000 PWB-5001 PWB-5005 |
TRANS,WALL,9VDC/300mA,F1, 2.5X5.5mm,UL/CUL TRANS,WALL,9VDC/350mA,F2 2.1mm x 5.5 mm,UL/CUL TRANS,WALL,12VDC/200MA,F2 2.1mm X 5.5mm,RT. ANGLE TRANS,WALL,12VDC/200mA,LT GRAY F2,2.5mmX5.5mm,RANGL,UL/CSA 1-OUTPUT 5 W AC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc.
|
SL1010003 SL1010003-B |
TRANS,WALL,9VDC/800mA,F2 2.1mm x 5.5mm,UL/CUL TRANS,WALL,REG LIN,9VDC/500mA 2.1mmX5.5mm,CTR POS,UL/CSA
|
Ametherm, Inc
|
2N1305 2N1306 2N1307 2N1308 |
Trans GP BJT PNP 0.3A Trans GP BJT NPN 0.3A
|
New Jersey Semiconductor
|
USB0805C-A USB0812C-A S8-4148 S8-4150 USB0824C-A U |
Diode Array[Qual Data] Transient Voltage Suppressor[Qual Data] 瞬态电压抑制器[音频质量数据]
|
Microsemi, Corp.
|
BCY58-VII BCY58A BCY59-8 BCY59-VII BCY59-VIII BCY5 |
Trans GP BJT NPN 32V 0.2A 3-Pin TO-18 Trans GP BJT NPN 45V 0.2A 3-Pin TO-18
|
New Jersey Semiconductor
|
HGTP14N37G3VL HGT1S14N37G3VLS HGT1S14N37G3VLS9A |
TRANS IGBT CHIP N-CH 380V 25A 3TO-263AB 14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs TRANS PNP BIPOLAR 45V SOT323 TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 18A I(C) | TO-263AB TRANSISTOR PNP BIPOLAR 45V SOT23
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
K4D263238A K4D263238A-GC33 K4D263238A-GC36 K4D2632 |
DIODE ZENER SINGLE 500mW 3.9Vz 0.05mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL 1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL 100万x 32Bit的4银行双数据速率同步DRAM的双向数据选通和DLL DIODE ZENER SINGLE 500mW 3.3Vz 0.05mA-Izt 0.05 7.5uA-Ir 1.5 SOD-123 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
BAR65-03 BAR65-03W BAR6503W Q62702-A1047 |
From old datasheet system Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners) Preliminary data Silicon RF Switching Diode (Low loss/ low capacitance PIN-diode Band switch for TV-tuners)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PRN111161001JR PRN111161001JT PRN111161002JR PRN11 |
LED,S-RED,CLR LENSE,SMT TRANS PNP 50VCEO 5A MT-2 DIODE,LED,RED/GREEN,SM,2.0V,10MA,SM,PLCC4 一天夜里,电阻网络 BUSSED RESISTOR NETWORK 一天夜里,电阻网络
|
http:// CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation California Micro Devices Co... California Micro Device...
|
SUB85N10-10-E3 SUP85N10-10-E3 |
Trans MOSFET N-CH 100V 85A 3-Pin(2 Tab) TO-263 Trans MOSFET N-CH 100V 85A 3-Pin(3 Tab) TO-220AB
|
Vishay Siliconix
|
IDT71V424L IDT71V424S10PH IDT71V424S10PHG IDT71V42 |
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT) 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TRANS NPN W/RES 60 HFE NS-B1 512K X 8 STANDARD SRAM, 10 ns, PDSO36 TRANS NPN W/RES 80 HFE NS-B1 3.3V 512K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|