PART |
Description |
Maker |
BCP56M |
NPN Silicon AF Transistor for AF driv...
|
Infineon
|
LT3466EFE 3466FA |
From old datasheet system Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
|
LINEAR
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
EL1848IY-T7 EL1848 EL1848IWT-T7 EL1848IWT-T7A EL18 |
9 LEDs Driver (3S3P) LED DISPLAY DRIVER, PDSO8 MSOP-8 White LED Step-Up Regulator LED DISPLAY DRIVER, PDSO6 White LED Step-Up Regulator LED DISPLAY DRIVER, PDSO8
|
http:// INTERSIL[Intersil Corporation] 显示驱动 Intersil, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
1937 ZXLD1937 ZXLD1937ET5 ZXLD1937ET5TA |
LED DISPLAY DRIVER, PDSO5 ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5 Step-up converter for LED backlighting
|
ZETEX PLC ZETEX[Zetex Semiconductors]
|
FAN8006D3 FAN8006D3TF |
4-CH Motor Driv r 4CH Motor Drive IC 4-CH MOTOR DRIVER
|
Fairchild Semiconductor
|
LOPT672-KN LOPT672-L LOPT672-LP LOPT672-M LOPT672- |
Header; No. of Contacts:11; Pitch Spacing:1.25mm; No. of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes DSUB 15 F WW2 G Super Multi TOPLED High-Current LED DUAL COLOR LED, ORANGE/GREEN, 2.4 mm Super Multi TOPLED High-Current LED DUAL COLOR LED, ORANGE/PURE GREEN, 2.4 mm Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes DUAL COLOR LED, ORANGE/YELLOW, 2.4 mm Super Multi TOPLED High-Current LED DUAL COLOR LED, SUPER RED/PURE GREEN, 2.4 mm Connector assemblies DUAL COLOR LED, YELLOW/PURE GREEN, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
LTC3252 3252F LTC3252EDE LTC3252EDETR |
Dual, Low Noise, Inductorless Step-Down DC/DC Converter; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C Dual 250mA Low Noise Inductorless Step-Down DC/DC From old datasheet system
|
LINEAR TECHNOLOGY CORP
|
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|