PART |
Description |
Maker |
Q62703-Q3500 Q62703-Q3502 Q62703-Q3503 LSA676-P LS |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper SIDELED Hyper-Bright LED 超SIDELED超高亮LED
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG TE Connectivity, Ltd.
|
Q62703-Q3493 LHK376 LHK376-QS LHK376-R LHK376-RT L |
Hyper ARGUS LED Hyper-Bright/ 3 mm T1/ TS GaAIAs LED/ Non Diffused Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused SINGLE COLOR LED, HYPER RED, 3 mm
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62703-Q3278 Q62703-Q3284 LST776 LST776-NR LST776- |
SCR PHASE CONTROL 1200V 16A TO64 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 2.4 mm Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper TOPLED RG Hyper-Bright LED 超TOPLED的RG超高亮LED Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
LBC876 LBC876-J1K1-1 |
BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED 蓝线,商标超迷你SIDELED超亮度LED
|
Osram Opto Semiconductors GmbH OSRAM GmbH
|
Q62703-Q3830 Q62703-Q3832 LH5464 LH5464-MQ LH5464- |
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED 5 mm T1 3/4 LED Diffused Super-Bright Hyper-Red GaAIAs-LED 5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED T-1 3/4 SINGLE COLOR LED, HYPER RED, 5 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LOR976 |
Hyper CHIPLED Hyper-Bright LED
|
OSRAM GmbH
|
LW3333 LW3333-S2T2-1 LW3333-T2V1-1 |
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
|
OSRAM GmbH Osram Opto Semiconductors GmbH
|
LSV296-N2Q1-1 LOV296-P2R1-24 LGV296-N1P2-24 LYV296 |
Hyper-Bright LED
|
OSRAM GmbH
|
LBL293-M2P1-36-1 LBL293-L2N1-25-1 LBL293 |
SmartLED? 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant SmartLED㈢ 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
LGV296-N1P2-24 |
Hyper-Bright LED 超高亮LED
|
OSRAM GmbH
|