PART |
Description |
Maker |
CS8122-D CS8122YTVA5 CS8122YTHA5 CS8122/D |
2% 5V750mA Low Dropout LinearRegulator with Delayed RESETbar 2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESETbar 2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
|
ON Semiconductor
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MIIC5271 MIIC5271BM5 MIIC5271-3.0BM5 MIIC5271-5.0B |
UCAP NEGATIVE LOW DROPOUT REGULATOR μCap Negative Low-Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. http://
|
G941T25B G941T25T G941T25U G940T22B G941T22B G940T |
3.7V 400mA Low Dropout Regulator 3.7 V, 400 mA low dropout regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Global Mixed-mode Techn... Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
SPX3940AM3-1.8 SPX3940AM3-5.0 SPX3940AT-1.8 SPX394 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1A LOW DROPOUT VOLTAGE REGULATOR FIXED OUTPUT, FAST RESPONSE 1A Low Dropout Voltage Regulator, 2% 1A Low Dropout Voltage Regulator, 1%
|
EXAR CORP SIPEX[Sipex Corporation]
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|