PART |
Description |
Maker |
2948-12-0 2484-0 2948-24-0 3014-24-0 3014-12-2 427 |
Connector Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:Black; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE Retractile Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:4ft RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Banana; Cable Length:36"; Color:Black; Contact Material:Copper; Operating Temp. Max:55 C; Wire Size (AWG):12
|
Pomona Electronics
|
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
ADP3310AR-28 ADP3310AR-3 ADP3310AR-33 ADP3310AR-5 |
Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Precision Voltage Regulator Controller
|
Analog Devices, Inc. AD[Analog Devices]
|
ADEL2020AR-20 ADEL2020AR-20-REEL EL2020 |
Improved Second Source to the EL2020 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes OP-AMP, 10000 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO20
|
ANALOG DEVICES INC Analog Devices, Inc.
|
157.5700.6251 157.5700.6271 157.5700.5801 157.5700 |
Fuse strips for batterie-powered vehicles for rated voltage up to 80 V 带保险丝的巴特里供电的额定电压为80伏汽 Fiber Optic Cable Assembly; Cable Length:3.2ft; Connector Type A:ST; Drop Ship:Yes 带保险丝的巴特里供电的额定电压为80伏汽 MS3108A20-4P Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:9.8ft; Connector Type A:ST; Drop Ship:Yes CONNECTOR ASSEMBLIES SC TO FDDI JUMPER OFNR 2 METER Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Right Angle Plug; Insert Arrangement:22-10 RoHS Compliant: No
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
UTPCH16RDY UTPCH7GRY |
; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:16ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7; Color:Red INTERCONNECTION DEVICE Connector assemblies, Network cables; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:7ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7
|
Panduit, Corp. PANDUIT CORP
|
BCM0505-FEC BCE0808-FEC BCM0606-FEC BCM0404-FEC |
Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes CONNECTOR 32MM/M32 CONDUIT CONNECTOR 20MM CONDUIT CONNECTOR 25MM 导管连接5毫米
|
Maxim Integrated Products, Inc.
|
6253-C-36 |
Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:3ft; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE 50 Ohm Cable Assembly With 50 Ohm Cable Assembly With
|
Pomona Electronics
|
5295-36-2 1693-60-2 POMONAELECTRONICS-1693-60-2 |
Patch Cord; Connector Type A:Banana; Connector Type B:Spade Lug; Cable Length:3ft; Color:Red RoHS Compliant: Yes INTERCONNECTION DEVICE Patch Cord; Connector Type A:Spade Lug; Connector Type B:Spade Lug; Cable Length:5ft; Color:Red RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
106167-0010 |
ADAPTOR, FIBRE-OPTIC SC/SC MMADAPTOR, FIBRE-OPTIC SC/SC MM; Connector type A:SC; Connector type B:SC MULTI MODE, DUPLEX FIBER OPTIC ADAPTER
|
Molex, Inc.
|
2N3819 |
N-channel J-FET Patch Cord; Connector Type A:Category 6 Modular Plug; Connector Type B:Category 6 Modular Plug; Cable Length:15ft; Leaded Process Compatible:No; Approval Categories:Exceeds TIA/EIA-568-B.2-1Category 6 and ISO 11801 Class E standards
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
GP1A40 |
CONNECTOR TERMINAL TYPE OPIC PHOTOINTERRUPTER WITH LEVER TYPE ACTUATOR
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|