PART |
Description |
Maker |
ISR2800DESRH ISR2800DHURH ISR2800DHDRH ISR2805DHDR |
2-OUTPUT 2.5 W DC-DC REG PWR SUPPLY MODULE Adj, Radiation hardened high-power, high efficiency DC-DC power converter 5V, Radiation hardened high-power, high efficiency DC-DC power converter
|
MS KENNEDY CORP M.S. Kennedy Corp.
|
MCO500-18IO1 MCO500 MCO500-12IO1 MCO500-14IO1 MCO5 |
1800V high power thyristor module 1600V high power thyristor module 1400V high power thyristor module 1200V high power thyristor module High Power Thyristor Modules
|
IXYS[IXYS Corporation]
|
AWT6106 |
The AWT6106 is a 3.5V (3.0V to 4.2V) high power, high efficiency, three stage power amplifier module for Dual Mode CDMA/PCS wireless ...
|
Anadigics Inc
|
IRFBL3703 |
Synchronous Rectification in High Power High Frequency DC/DC Converters HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
BUT70W 8602 |
HIGH VOLTAGE NPN POWER TRANSISTOR HIGH POWER NPN TRANSISTOR From old datasheet system HIGH VOLTAGE NPN POWER TRANSISTOR 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BUX45 |
HIGH VOLTAGE HIGH POWER SILICON NPN POWER SWITCHING TRANSISTORS
|
General Electric Solid State ETC[ETC] List of Unclassifed Manufacturers
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
MC08ED150J-F MC08CA020D-F MC08CA050D-F MC08CA060D- |
Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
BUX82 |
HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
|
Seme LAB
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BUD44D2-D |
High Speed, High Gain Bipolar NPN Power Transistor with Integrated Collector-Emitter Diode and Built-in Efficient Antisaturation Network POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
|
ON Semiconductor
|
W4NRD0X-0000 W4NRD8C-U000 W4NXD8C-0000 W4NXD8C-L00 |
Diameter: 50.8mm; LCW substrates; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; ultra-low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; standatd mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; select mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 76.2mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; lsemi-insulating (prototype); 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition
|
CREE POWER
|