PART |
Description |
Maker |
MAX4426 MAX4426C_D MAX4426CPA MAX4426CSA MAX4426EP |
3.3 V Full-Duplex RS 485 Drivers and Receivers 8-SOIC 1.5 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDIP8 Dual High-Speed 1.5A MOSFET Drivers Dual high-speed, 1.5A MOSFET driver. 4.5V t0 18V operation range.
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] http://
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
TC4426 TC4426COA TC4426CPA TC4426EPA TC4427 TC4427 |
(TC4426 - TC4428) 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
|
TelCom Semiconductor, I... TELCOM[TelCom Semiconductor Inc] TELCOM[TelCom Semiconductor, Inc]
|
ADCMP562BRQ ADCMP561 ADCMP561BRQ ADCMP562 ADCMP561 |
Dual High Speed PECL Comparator 20 - Lead QSOP Dual High Speed PECL Comparator 16 - Lead QSOP (ADCMP561 / ADCMP562) Dual High Speed PECL Comparators Dual High Speed PECL Comparators COMPARATOR, 10000 uV OFFSET-MAX, PDSO20 Dual High Speed PECL Comparators 双高速PECL的比
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
EL7242C EL7242CN EL7242CS EL7252CN EL7252CS |
Dual Input, High Speed, Dual Channel Power MOSFET Driver
|
ELANTEC[Elantec Semiconductor]
|
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|
MC33151DR2G MC33151VDR2G MC3415104 MC34151DR2G MC3 |
High Speed Dual MOSFET Drivers
|
ONSEMI[ON Semiconductor]
|
ISL55110 ISL55110IRZ ISL55110IVZ ISL55111 ISL55111 |
Dual, High Speed MOSFET Driver
|
Intersil Corporation
|
TC142606 TC1428CPA TC1426 TC1426COA TC1426CPA TC14 |
1.2A Dual High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
IDT71342SA20J IDT71342SA20PF IDT71342SA25J IDT7134 |
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE 高K的8双端口静态RAM的信号量 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE 4K X 8 DUAL-PORT SRAM, 45 ns, PQFP64 350V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail 500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
TC4427EOA713 TC4426EOA713 TC4427COA713 TC4426COA71 |
1.5 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8 0.150 INCH, PLASTIC, MS-012, SOIC-8 1.5A Dual High-Speed Power MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|