PART |
Description |
Maker |
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
1G1-15 |
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere Glass Passivated Junction Rectifiers
|
GOOD-ARK Electronics
|
1N5617GP 1N5619GP 1N5615GP 1N5623GP 1N5621GP |
Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 1000V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 800V
|
Vishay
|
RGP02-20E RGP02-16E RGP02-17 RGP02 RGP02-12 RGP02- |
From old datasheet system Glass Passivated Junction Fast Switching Rectifier, Forward Current 0.5A, Reverse Voltage 1200 to 2000V Glass Passivated Junction Fast Switching Rectifier
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1SMC8.0A 1SMC8.5A 1SMC60A 1SMC6.5A 1SMC16A 1SMC7.0 |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,单向玻璃钝化节点瞬变电压抑制 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,单向玻璃钝化节点瞬变电压抑制 PTSA 1.5/10-3.5-Z UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
GL34M GL34A GL34B GL34D GL34G GL34J GL34K |
From old datasheet system MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
FORMOSA[Formosa MS]
|
FR102G FR105G FR107G FR101G FR103G FR104G FR106G F |
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS 1000 V, 1 A, glass passivated junction fast recovery rectifier
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors] EIC discrete Semiconduc...
|
1A7G 1A1G 1A2G 1A3G 1A4G 1A5G 1A6G |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE
|
RECTRON[Rectron Semiconductor] PanJit International, Inc.
|
DG1 CG1 |
Miniature Clamper/Damper Glass Passivated Junction Rectifier(微型钳位/阻尼钝化玻璃结型整流 MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
GBU6J GBU6J-BP GBU6A-BP GBU6D-BP GBU6M-BP GBU6B-BP |
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 6A 600V GBU 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 6A 800V GBU 6 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
GNOA05 |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|
T10B T10B035 T10B065 T10B120 T10B140 T10B200 T10B2 |
Glass passivated junction
|
LITTELFUSE[Littelfuse]
|