PART |
Description |
Maker |
25LC160-I_P 25LC160-I_SN 25LC160T-I_P 25LC160T-I_S |
16K SPI Bus Serial EEPROM The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ...
|
MICROCHIP[Microchip Technology]
|
IS93C46B-3GRI IS93C46B-3GRA IS93C46B-3GI IS93C46B- |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
IS93C56-3 IS93C56-3G IS93C56-3GI IS93C56-3GR IS93C |
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
ER5911 ER5911-IJ ER5911-IP ER5911-J ER5911-P ER591 |
1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM 00028 x 84 × 16)串行电可擦除可编程ROM Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
IS93C46D-2DLI IS93C46D-3PLA3 IS93C46D-2PLI IS93C46 |
1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
XL93LC46 |
Serial Electrically-Erasable PROM
|
Exel Microelectronics
|
AT24C32D-STUM-T AT24C32D-SSHM-B AT24C32D-SSHM-T AT |
electrically erasable and programmable read only memory 2-Wire Serial Electrically Erasable and Programmable Read-only Memory
|
ATMEL Corporation
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
AM93LC56I AM93LC56IGS8A AM93LC56 AM93LC56INA AM93L |
2048-bits Serial Electrically Erasable PROM
|
http:// ANACHIP[Anachip Corp]
|
AV93LC46TI AV93LC46 AV93LC46PC AV93LC46PI AV93LC46 |
1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
|
List of Unclassifed Manufacturers ETC[ETC]
|
AM93LC66 AM93LC66GS AM93LC66GSA AM93LC66IGS AM93LC |
4096-bits Serial Electrically Erasable PROM
|
ANACHIP[Anachip Corp]
|
AT93C56B-MEHM-T AT93C66B-MEHM-T AT93C56B-CUM-T AT9 |
Three-wire Serial Electrically Erasable Programmable Read-only Memory
|
ATMEL Corporation
|