PART |
Description |
Maker |
CY7C65631-56LTXC CY7C65631-56LTXCT CY7C65621-56LTX |
EZ-USB HX2LP Lite?/a> Low Power USB 2.0 Hub Controller Family EZ-USB HX2LP(TM) Low-Power USB 2.0 Hub Controller Family; Development Kit: N/A; Hub Ports: 4; USB Application: High Speed Hub; UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LP(TM) Low-Power USB 2.0 Hub Controller Family; Development Kit: N/A; Hub Ports: 2; USB Application: High Speed Hub; UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
|
Cypress Semiconductor, Corp.
|
CY7C65620-56LFXC |
EZ-USB HX2LPLow-Power USB 2.0 Hub Controller Family UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
STR910FAW32 STR912FAZ42 STR912FAW42 STR910FAZ32 ST |
ARM966E-S16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E -虏⑩16/32位闪存微控制器与以太网,USB,加拿大,交流电机控制,4个定时器,模数转换器,RTC和DMA ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
意法半导 STMicroelectronics N.V.
|
ST72754 ST72T774S9T1 ST72T754S9T1 ST72774J9B1 ST72 |
(ST72T774 - ST72T734) 8-BIT USB MCU FOR MONITORS 8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C 8位USB单片机的显示器,高达60K章检察官办公室,000内存,模数转换器,定时器,同步,材质单元,脉宽调的BRM,的H / W DDC 8-BIT USB MCU FOR MONITORS. WITH UP TO 60K OTP. 1K RAM.ADC. TIMER. SYNC. TMU. PWM/BRM. H/W DDC & I2C 8位USB单片机的显示器。高0K章检察官办公室。每1000 RAM.ADC。计时器。同步。材质单元。脉宽调 BRM。的H / W DDC 8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
|
ST Microelectronics STMicroelectronics N.V. http://
|
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
SST30VR043-500-C-EH SST30VR043-500-C-KH SST30VR043 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer TetraHub High-Speed USB Hub Controller Low-Cost 3.3V Zero Delay Buffer IC USB HOST/PERIPH CNTRL 的SRAM /光盘 3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer TetraHub™ High-Speed USB Hub Controller
|
Silicon Storage Technology, Inc.
|
CY7C656XX08 |
EZ-USB HX2LP⑩ Low-Power USB 2.0 Hub Controller Family
|
Cypress Semiconductor
|
STR750FXX1 STR750FV1H6 STR751FR0H6 |
ARM7TDMI-S⑩ 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
LPC4088FET208 LLPC4078FBD144 LPC4074FBD80 LPC4078F |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI 32-bit ARM Cortex-M4 MCU;
|
NXP Semiconductors
|
STR71XF08 STR715FR0 STR711FR0 |
ARM7TDMI垄芒 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics
|
|