PART |
Description |
Maker |
MAX121C/D MAX121EVKIT-DIP MAX121CAP MAX121EAP MAX1 |
308Ksps ADC with DSP Interface and 78dB SINAD 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 308Ksps ADC with DSP Interface and 78dB SINAD 308Ksps艺发局与DSP接口8dB的SINAD SFOM-HS2
|
Maxim Integrated Products, Inc.
|
EA2-3SNU EA2-6SNP EA2-6SNU EA2-5SNJ EA2-5SNP EA2-5 |
COMPACT AND LIGHTWEIGHT 小巧轻便 CONNECTOR ACCESSORY A/D Converter (A-D) IC; Resolution (Bits):16; Sample Rate:4kSPS; Input Channels Per ADC:1; DNL :0.5LSB; Data Interface:Serial; Package/Case:20-DIP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:16 RoHS Compliant: No Driver IC; Package/Case:28-SSOP; Supply Voltage Max:5V; Leaded Process Compatible:Yes; Number of Channels:3; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Frequency:20GHz; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:6; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:48-LQFP
|
NEC, Corp. NEC Corp. NEC[NEC]
|
IDT72T51333L5BB IDT72T51353L6BBI IDT72T51333 IDT72 |
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
|
IDT[Integrated Device Technology]
|
ADC1207S080 ADC1207S080HW |
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
|
Integrated Device Technology
|
SM89S16R1C25 SM89S16R1 SM89S16R1C40 SM89S16R1L25 |
8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
|
ETC
|
SM89S16R106 |
8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
|
SyncMOS Technologies,Inc
|
SM89S16R1L25 SM89S16R1C25 SM89S16R1C40 |
8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
|
SyncMOS Technologies,Inc
|
EDS6416AHBH-75-E EDS6416CHBH-75-E |
64M bits SDRAM (4M words x 16 bits) 4M X 16 SYNCHRONOUS DRAM, 5.4 ns, PBGA60 64M bits SDRAM (4M words x 16 bits) 6400位的SDRAM4分字× 16位)
|
Elpida Memory, Inc.
|
ADS6144 ADS6145 |
<font color=red>[Old version datasheet]</font> 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
|
TI store
|
EDD2508AKTA-5B-E EDD2508AKTA-5C-E EDD2508AKTA-5-E |
256M bits DDR SDRAM (32M words x 8 bits, DDR400)
|
Elpida Memory, Inc.
|