PART |
Description |
Maker |
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
V62C2161024LL-55T V62C2161024LL-85T V62C2161024L V |
64K X 16 STANDARD SRAM, 100 ns, PDSO44 Ultra Low Power 64K x 16 CMOS SRAM 超低功4K的16 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic Corp Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
HY62VT08081E-DGC HY62VT08081E-DGE HY62VT08081E-DGI |
Low Power Slow SRAM - 256Kb SWITCH, REED SPST-NO 10W SMD QSW-REED,10MM,10W,SMD 9 POS FR-4 SIP SOCKET x8|3V|70/85/100|Low Power Slow SRAM - 256K x8|3.3V|70/85/100|Low Power Slow SRAM - 256K 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM x8 SRAM x8的SRAM x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDIP28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc. Analog Devices, Inc. Panasonic Industrial Solutions
|
V62C3162048LL-70T V62C3162048LL-35T V62C3162048LL- |
Ultra Low Power 128K x 16 CMOS SRAM 128K的超低功耗16 CMOS SRAM
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
V62C1161024LL-120T |
Ultra Low Power 64K x 16 CMOS SRAM 超低功4K的16 CMOS SRAM
|
Mosel Vitelic, Corp.
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
UM621024C-70L UM621024C-70LL UM621024C UM621024C-1 |
128K x 16 CMOS SRAM 128K的16 CMOS SRAM DIODE ZENER 9.1V 370MW DO-34 128K的16 CMOS SRAM DIODE ZENER 10V 370MW DO-34 128K的16 CMOS SRAM
|
United Microelectronics, Corp. United Microelectronics Corporation UMC[UMC Corporation]
|
HY62U8200B HY62U8200B-E HY62U8200B-I A0A17 |
Low Power Slow SRAM - 2Mb 256Kx8bit CMOS SRAM 256K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor
|
AS7C31026-20TI AS7C1026 AS7C1026-12 AS7C1026-12BC |
5V/3.3V 64K x 16 CMOS SRAM 5V / 3.3V 64KX16 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
IS61LV5128-10 IS61LV5128-10B IS61LV5128-10BI IS61L |
IC,SRAM,512KX8,CMOS,TSOP,44PIN,PLASTIC 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO44 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PBGA36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 10 ns, PBGA36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36
|
ISSI[Integrated Silicon Solution, Inc] ISSI [Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc] Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
V62C2802048LL-70T V62C2802048L-70T V62C2802048LL-8 |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:2mm; Sensor Output:PNP, NO; Switch Terminals:Wire Leads; Sensor Housing:Cylindrical RoHS Compliant: Yes
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|