PART |
Description |
Maker |
3G3MV-A2022 3G3MV-A2002 3G3MV-A2004 3G3MV-A2015 3G |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit INVERTER 3 PHASE 2.2KW 415VAC INVERTER 1 PHASE 0.25KW INVERTER 1 PHASE 2.2KW INVERTER 3 PHASE 3KW 415VAC INVERTER 3 PHASE 4KW 415VAC 逆变器一.1KW 逆变器单.5千瓦
|
复位半导
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
ST733C..LSERIES ST733C08LFM0 ST733C08LFL0 ST733C04 |
800V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package 400V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package INVERTER GRADE THYRISTORS Automotive Fuse; Current Rating:3A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Voltage Rating:32V; Fuse Size/Group:15.41 x 10.92 x 3.81mm RoHS Compliant: Yes Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes
|
International Rectifier
|
ICL7660S |
Voltage Inverter, 5 to V, Input Voltage 1.5-12V, w/Freq Boost
|
Intersil
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
NCP172906 |
Switched Capacitor Voltage Inverter
|
ON Semiconductor
|
ADM8829ART-REEL ADM8828ART-REEL |
Switched-Capacitor Voltage Inverter with Shutdown
|
Analog Devices
|
74AUP1T14GX |
Low-power inverter with voltage-level translator
|
Nexperia
|
74LVQ1404 |
LOW VOLTAGE CMOS HEX SCHMITT INVERTER
|
STMicroelectronics
|
74LCX04 74LCX04M 74LCX04MTC 74LCX04SJ |
Low Voltage Hex Inverter with 5V Tolerant Inputs
|
Fairchild Semiconductor
|