PART |
Description |
Maker |
70V24S15PF 70V25S15J 70V35L25PF8 IDT70V35L25PF8 ID |
4K X 16 3.3V DUAL-PORT SRAM TQFP-100 8K X 16 DUAL-PORT SRAM, 15 ns, PQCC84 8K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 4K X 16 DUAL-PORT SRAM, 35 ns, CPGA84
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
IDT7140LA25L48GB IDT7130LA25L48GB IDT7140SA25L48GB |
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, QCC48
|
Integrated Device Technology, Inc.
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C135-15JXC |
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores 4K X 8 DUAL-PORT SRAM, 15 ns, PQCC52
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
IDT70T633S12BCI IDT70T633S15BF IDT70T633S15BFI IDT |
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA256 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 高.5V12/256K.3V 5011 2.5V的接口18 ASYNCHRONO美国双端口静态RAM JFET-Input Operational Amplifier 8-SOIC 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 8 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 WRISTBAND, ELASTIC, ADJUSTABLE 4MM RoHS Compliant: NA High-speed 2.5V 512 x 18 asynchronous dual-port static RAM, 15ns
|
Integrated Device Technology, Inc. IDT
|
IDT70261L20PFI IDT70261S_L IDT70261L55PF IDT70261L |
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 250V N-Channel MOSFET 16K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT 16K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 16K x 16 Dual-Port RAM w/Int
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
IDT70V9079L15PF IDT70V9079L15PFI IDT70V9089L15PF I |
32K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 Small Signal Diode; Package: DO-35; No of Pins: 2; Container: Bulk 64K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through
|
SRAM Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C025-25AC CY7C025-25AI CY7C025-25JC CY7C025-25J |
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 18 DUAL-PORT SRAM, 55 ns, PQFP100 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 25 ns, PQCC84 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 55 ns, PQFP100 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 55 ns, PQCC84 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 35 ns, PQCC84 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT71342LA20JI IDT71342LA25JI IDT71342LA55JI IDT71 |
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE 4K X 8 DUAL-PORT SRAM, 25 ns, PQCC52
|
Integrated Device Technology, Inc.
|
|