PART |
Description |
Maker |
IC61SF12836 IC61SF12832 IC61SF12832-7.5B IC61SF128 |
SYNCHRONOUS STATIC RAM, Flow Through 128K x 32 Flow Through SyncBurst SRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
17570 17570-5 |
HTSNK. A X-FLOW. .911 LOW FLOW. THRU HOLE
|
VICOR[Vicor Corporation]
|
17510-6 17510 |
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
|
VICOR[Vicor Corporation]
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
S9736 |
CCD area image sensor 512 512 pixels, front-illuminated FFT-CCDs
|
Hamamatsu Photonics
|
S7171-0909-01 |
512 × 512 pixels, back-thinned FFT-CCD
|
Hamamatsu Corporation
|
LH540225 |
512 x 18 / 1024 x 18 Synchronous FIFO 512 ×一千?二十四分之一十八× 18同步FIFO
|
Sharp, Corp.
|
STK20C04 STK20C04-30 STK20C04-35 STK20C04-45 STK20 |
512 X 8 NON-VOLATILE SRAM, 30 ns, PDIP28 CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM 高性能的CMOS非易12 × 8非易失性静态RAM
|
List of Unclassifed Manufacturers ETC[ETC] SIMTEK Electronic Theatre Controls, Inc.
|
IDT71V2577S75PF IDT71V2577S75PFI IDT71V2577YS75PF |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 3.3V 256K x 18 Synchronous Flow-Through SRAM w/2.5V I/O
|
IDT[Integrated Device Technology]
|
IDT71T75902 71T75702_DS_59004 IDT71T75902S80PF IDT |
2.5V 1M x 18 ZBT Synchronous 2.5V I/O Flow-through SRAM From old datasheet system 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs
|
IDT
|
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
|