PART |
Description |
Maker |
AAT1142 AAT1142IWP-1.8-T1 AAT1142ITP-1.8-T1 |
800mA Voltage-Scaling Step-Down Converter
|
Advanced Analog Technology,lnc.
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
AAT1106 AAT110607 AAT1106ICB-1.5-T1 AAT1106ICB-0.6 |
600mA Step-Down Converter
|
Advanced Analogic Technologies
|
APW7134 |
600mA Synchronous Step-Down Converter
|
ANPEC
|
AP2406 |
600mA Synchronous Step-Down Converter
|
ETC
|
AAT1126 AAT1126IGV-0.6-T1 |
600mA, 1MHz Step-Down Converter
|
Advanced Analogic Technologies
|
AAT2511 AAT2511IWP AAT2511IWP-AA-T1 |
Dual 600mA, 1MHz Step-Down DC/DC Converter
|
Advanced Analogic Technologies
|
SP6669 SP6669CEK-L_TRR3 SP6669BEK-L_TRR3 SP6669AEK |
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
|
Exar Corporation
|
UM3501 UM3501DA |
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
|
Union Semiconductor, In...
|