PART |
Description |
Maker |
30CLJQ045 |
30A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
16SCYQ045C 16SCYQ045CSCS 16SCYQ045C-15 |
16A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
IRF[International Rectifier]
|
15JGQ100 |
35A 100V Hi-Rel Schottky Common Anode Diode in a TO-254AA package DLA Number 1N7043CAT1
|
International Rectifier
|
OM4202SC OM4202DC OM4202RC |
30A 45V Hi-Rel Schottky Common Cathode Diode in a TO-258AA package HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC] Omnirel Electronic Theatre Controls, Inc.
|
MBR4045CT-1 MBRB4045CT MBR4045CT MBRB4045CTTRR |
45V 40A Schottky Common Cathode Diode in a D2-Pak package 45V 40A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
120LQ045 120LQ045-15 |
120A 45V Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
International Rectifier
|
25A 45V 22DGQ045 |
SCHOTTKY RECTIFIER 肖特基整流器 From old datasheet system 25A 45V Hi-Rel Schottky Doubler Diode in a TO-254AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
30SLJQ045SCS |
30A 45V Hi-Rel Schottky Discrete Diode in a SMD-0.5 package
|
International Rectifier
|
SB30-45-25 SB30-40-258RM SB30-40-258M SB30-40-258A |
Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阳极连) 双肖特基二极管在TO258金属封装,高可靠性的应用(共阳极)(双肖特基势垒二极管(高可靠性应用,TO258金属封装,共阳极连接)) DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-258AA Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,TO258金属封装,串行连接)) Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阴极连)
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|