PART |
Description |
Maker |
UPD789406A UPD789167Y UPD789177Y UPD78F9468 UPD789 |
78K/0S Series Instructions | User's Manual[11/2000] 78K/0S系列说明|用户手册[11/2000]
|
STMicroelectronics N.V.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
ID78K0-NS ID78K0S-NS ID78K4-NS USAA13ID78K0S-NS US |
Integrated debugger for the 78K/0 series Integrated debugger for the 78K/0S series Integrated debugger for the 78K/4 series
|
NEC
|
ID78K0-QB USAB17ID78K0-QB USBB17ID78K0-QB |
Integrated debugger for the 78K/0 series
|
NEC
|
RA78K6 US5A13RA78K6 |
Assembler package for 78K/6 series
|
NEC
|
IE-780862-NS-EM1 |
78K/0 series in-circuit emulator emulation board
|
NEC
|
SCA6X0 |
Assembly Instructions for SCA6x0 and SCA10x0 series
|
VTI technologies
|
TS80C51RA2-LCBB AT32UC3L0256-14 |
8-BIT, 30 MHz, MICROCONTROLLER, PQCC44 Compact Single-cycle RISC Instruction Set Including DSP Instructions Read-modify-write Instructions and Atomic Bit Manipulation
|
TEMIC SEMICONDUCTORS ATMEL Corporation
|
600-052 600-052-1 600-058 600-090-1 |
Series 811 Mighty Mouse High Density (HD) Contacts and Tools Band-Master Advanced Termination System Bands and instructions
|
Glenair, Inc.
|
6384 |
Assembly Instructions
|
Pomona Electronics
|
5218 |
Assembly Instructions
|
Pomona Electronics
|
TC533AX |
Operating Instructions
|
Selec
|