PART |
Description |
Maker |
MAX6311UK00D3-T MAX6308UK00D3-T |
5-Pin, Multiple-Input, Programmable Reset ICs
|
Maxim Integrated Produc...
|
2955577 |
5-Pin, Multiple-Input, Programmable Reset ICs 电路模块
|
PHOENIX CONTACT Deutschland GmbH
|
293-766-30 |
5-Pin, Multiple-Input, Programmable Reset ICs BUEGELMIKROMETER数字0 - 25毫米0 - 1ZOLL
|
Molex, Inc.
|
MAX630508 MAX6305UK00D-T MAX6305EUK00D-T MAX6306UK |
5-Pin, Multiple-Input, Programmable Reset ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
6TR60 15TD30 15TR13 15TR35 12TD30 12TR40 28TR23 28 |
Low-Noise, 4 1/2 Digit, Single-Chip ADC with Multiplexed LCD Drivers Analog IC 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC
|
3M Company Microchip Technology, Inc.
|
06ZWSERIES 06ZHSERIES 12ZWSERIES 12ZHSERIES 05ZHSE |
4 1/2 Digit, LCD, High-Speed Counter Decoder Driver 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC Analog IC 模拟IC
|
SIEMENS AG
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
M88 M88T M88131W-15K1T M88131W-15K6T M88131W-15T1T |
DATA BRIEFING - IN-SYSTEM PROGRAMMABLE (ISP) MULTIPLE-MEMORY In-System Programmable (ISP) Multiple-Memory and Logic FLASH PSD Systems (with CPLD) for MCUs 256K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQCC52 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 256K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 IPI CAMBION CONNECTOR 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 Solder Terminal; Pin Length:0.594"; Contact Plating:Electro Solder; Leaded Process Compatible:No; Mounting Type:Threaded; Peak Reflow Compatible (260 C):No RoHS Compliant: No 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 CONN PCB 26PIN TIN I/O Module; Signal Input Type:3 to 8VDC; Number of Outputs:1; Number of Analog Inputs:1; Number of Analog Outputs:1; Input Current Max:27mA; Input Current Min:10mA; Operating Voltage Max:6V; Operating Voltage Min:2.5V RoHS Compliant: Yes RELAY, SOLID STATE 3A 240V CONNECTOR DIP 16 PIN TIN IDC CONNECTOR DIP 24 PIN TIN IDC OSCILLATORS 50PPM -40 85 3.3V 4 40.960MHZ HCMOS 10% 5X7MM 6PAD SMD OSCILLATORS -40 85 3.3V 4 35.328MHZ HCMOS 10% 5X7MM 6PAD SMD OSCILLATORS 0 70 5.0V 4 74.250MHZ HCMOS/TTL 10% 5X7MM 6PAD SMD
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N1551A 2N2291 2N2295 2N2288 2N2296 2N1032A 2N1031 |
68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-41 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 40V的五(巴西)总裁|5A一(c)|1
|
Central Semiconductor, Corp.
|
PIC16LF627A-I/ML PIC16LF627A-I/P PIC16F627A-I/SOG |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp
|
Microchip
|
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|