PART |
Description |
Maker |
N2510-5002RB N2540-5002RB |
(N2500 Series) Low Profile Box Headers
|
3M
|
140G104XO-0000 140B104XO-0000 140-104XO-0000 140G1 |
Small Low-Profile Box
|
Glenair, Inc. http://
|
LSMBC-1-DV |
.100cl Low Profile - Verticla Surface Mount Box Contact
|
Major League Electronics
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
BD52XXG BD5247 BD5257 BD5256 BD5344 BD5241 BD5243 |
Static Monitor Jack; Features:Allows an operator to disconnect a ground cord from the wrist band and leave the workstation without deactivating Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Beige; Features:Hi-temperature plastic RoHS Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Black; Features:Low-temperature plastic RoHS Color Coded Flat Cable, 3302/25 28 AWG, .050 (1.27) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% Color Coded Flat Cable, 3302/10 28 AWG, .050 (1.27) 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC Insulating Tape; Tape Backing Material:PVC; Width:0.75"; Roll Length:20ft; Adhesive Material:Rubber RoHS Compliant: Yes 电压检测器IC Color Coded Flat Cable, 3302/34 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/09 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/18 28 AWG, .050 (1.27) 电压检测器IC
|
Rohm CO.,LTD. Electronic Theatre Controls, Inc. Microsemi, Corp.
|
H3AA05V FTR-H3 FTR-H3AA005V FTR-H3AA009V FTR-H3AA0 |
SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES SILENT POWER RELAY 1 POLE?0 A LOW PROFILE TYPE FTR-H3 SERIES
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
71608 71607 71609 72043 72044 71737 71742 71740 71 |
SERIES ET LOW PROFILE SPEAKER STROBES
|
Gamewell-FCI by Honeywell
|
WR-160PB-VF50 |
WR Series 0.5mm Low Profile SMT PCB Connectors
|
ETC
|
MR301-5UL MR301-5USL MR301-3H MR301-3HS MR301-3HUS |
The MR301 series, which has a low profile package and light weight, 该MR301系列,它低调包,重量轻,
|
NEC Corp. NEC, Corp.
|
MAX3120 MAX3120CSA MAX3120CUA MAX3120ESA MAX3120EU |
Low-Profile 3V, 120µA IrDA Infrared Transceiver Low-Profile, 3V, 120uA, IrDA Infrared Transceiver Low-Profile, 3V, 120A, IrDA Infrared Transceiver Low-Profile, 3V, 120μA,IrDA Infrared Transceiver Low-Profile / 3V / 120A / IrDA Infrared Transceiver Low-Profile, 3V, 120レA, IrDA Infrared Transceiver SPECIALTY TELECOM CIRCUIT, PDSO8 Low-Profile 3V, 120µA IrDA Infrared Transceiver SPECIALTY TELECOM CIRCUIT, PDSO8 Low-Profile, 3V, 120??, IrDA Infrared Transceiver
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HOA0149-001 |
HOA Series Infrared Reflective Sensor, Transistor Output, Low profile, Plastic Package
|
Honeywell Accelerometers
|
SD401N700100 SD401N700130 SD401N700200 SD401N70023 |
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
|
SHIELD s.r.l.
|