PART |
Description |
Maker |
LA28-NP |
Multirange Current Sensor
|
Beijing LEM Electronics Co., Ltd.
|
258669 259892 258933 258932 258935 258937 258936 |
8-/4-Channel, ±12V Multirange Inputs, Serial 16-Bit ADCs 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 标志,接 Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting 标志,死亡的危险
|
Maxim Integrated Products, Inc. B&K Precision, Corp.
|
GSAC-XXCCC5 GSAC-XXCCC2 GSAC-XXCCC3 GSAC-XXCCC4 GS |
AC/DC Single/Multirange CHARGER AC/DC Multirange FAST CHARGER AC/DC SINGLE/MULTIRANGE CHARGER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
ACS704ELC-01506 ACS704ELC-015 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
|
ALLEGRO[Allegro MicroSystems]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX127AEAI/GH9 |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
|
MAXIM - Dallas Semiconductor
|
MAX1300BEUG MAX1300AEUG MAX1301 MAX1301BEUP MAX130 |
8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
|
MAXIM[Maxim Integrated Products]
|
MAX1302 MAX1302AEUG MAX1302BEUG |
8-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
|
Maxim Integrated Products
|
MAX10321112 MAX1033 |
8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
|
Maxim Integrated Products
|
MAX1034EUG MAX1035EUP MAX1035 MAX1034 |
8-/4-Channel, 【VREF Multirange Inputs, Serial 14-Bit ADCs
|
MAXIM[Maxim Integrated Products]
|