PART |
Description |
Maker |
L9822N03 L9822N013TR |
OCTAL SERIAL SOLENOID DRIVER
|
ST Microelectronics STMicroelectronics
|
L98SI013TR |
OCTAL SERIAL SOLENOID DRIVER
|
ST Microelectronics
|
L98SI 5865 |
Octal Serial Solenoid Driver(八串行螺线管驱动 From old datasheet system
|
意法半导 STMicroelectronics
|
CA3169 CA33169M CA33169 CA3169M |
Supply voltage: Positive: 41V DC; Negative: 1.4V DC; 1.9A; 15W; solenoid and motor driver (1/2 H driver). For latching solenoid driver (single and multiple), non-latching solenoid driver, relay driver, lamp controler, lamp driver, etc.
|
HARRIS[Harris Corporation] Intersil Corporation Harris Semiconductor
|
MAX544-MAX545 MAX545 MAX545ACPD MAX545ACSD MAX545A |
Octal 25-Ohm Buffer/Driver With 3-State Outputs 24-SOIC -40 to 85 SERIAL INPUT LOADING, 1 us SETTLING TIME, 14-BIT DAC, PDSO14 Octal 25-Ohm Buffer/Driver With 3-State Outputs 24-PDIP -40 to 85 5V Serial-Input Voltage-Output 14-Bit DACs 5V, Serial-Input, Voltage-Output, 14-Bit DACs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
DK1000R |
Cylindrical Solenoid; Solenoid Duty Cycle:Intermittent; Load Force:18-0.06/2.5-0.75 Ounce-Inch; Solenoid Operation:Push; Coil Resistance:60.6ohm; Operating Voltage:24V 315MHZ REMOTE KEYLESS ENTRY RECEIVER
|
RF Micro Devices, Inc. RFMD[RF Micro Devices]
|
L294 1331 |
SWITCH-MODE SOLENOID DRIVER From old datasheet system SWITCH-MODE SOLENOID DRIVER
|
ST Microelectronics STMicroelectronics 意法半导
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HIP0050 HIP0050IB HIP050IP |
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
|
INTERSIL[Intersil Corporation]
|
E-L9826TR |
Octal Low-Side Driver for Resistive and Inductive Loads With Serial/Parallel lnput Control Output Protection and Diagnostic
|
ST Microelectronics
|
IC-JEEVALJE1D IC-JEPDIP8 IC-JESO8 |
PWM RELAY/SOLENOID DRIVER
|
IC-Haus GmbH
|