PART |
Description |
Maker |
X4045S8I X4045S8 X4045P8I X4045P8 X4045M8I X4045M8 |
RTC Module With CPU Supervisor 时钟模块CPU监控 CPU Supervisor with 4Kbit EEPROM
|
Intersil, Corp. Xicor Inc.
|
X5163V14Z-2.7 X5163S8Z-4.5A X5165V14Z-4.5A X5165S8 |
CPU Supervisor with 16Kbit SPI EEPROM RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14
|
http:// Intersil, Corp.
|
EP910ILI-12 EP910LC-30T EP910LI-35 EP910PI-35 EP91 |
CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 14-TSSOP UV-Erasable/OTP PLD CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP RTC Module With CPU Supervisor 时钟模块CPU监控
|
Rochester Electronics, LLC
|
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 E |
Analog IC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP SQUARE, 94.5 MHz, WAVEFORM GENERATION, PDIP5 14 Pin DIP TTL Square-Wave Generator
|
PCA ELECTRONICS INC.
|
X5083S8-2.7A X5083V8 X5083PI-4.5A X5083PI-2.7A X50 |
N-CHANNEL SILICON JUNCTION FET SOT23 IC, SMT SRAM 32K X 8 12NS 3.3V SOJ-28-300MIL RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
X4165S8 X4163 X4165V8I-2.7A X4165V8-2.7A X4163S8-4 |
CPU Supervisor with 16K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 IGBT Module; Continuous Collector Current, Ic:75A; Collector Emitter Saturation Voltage, Vce(sat):3V; Collector Emitter Voltage, Vceo:1200V; Leaded Process Compatible:Yes; Package/Case:D61; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CPU Supervisor with 16K EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|
MCP102T-270E_TT MCP103T-300E/LB MCP103T-300E/TO MC |
Micropower Voltage Supervisors CPU Supervisor with 2 k EEPROM CPU SUP WITH 64K EEPROM FAN CONTROLLER, SRC, SMBUS I.C. CPU SUP WITH 2K EEPROM 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip Technology Inc.
|
X4325 X4323 X4323_06 X4323S8 X4323S8-2.7 X4323S8-2 |
CPU Supervisor with 32k EEPROM
|
INTERSIL[Intersil Corporation]
|
X5045 X5043 X5043_06 X5043M8 X5043M8-2.7 X5043M8-2 |
CPU Supervisor with 4K SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
X46402V8E-3.1A X46402V8-3.1A X46402V8-2.9 |
RTC Module With CPU Supervisor 时钟模块CPU监控
|
Intersil, Corp.
|