PART |
Description |
Maker |
FAITD25J FAITD25G FAITD250 AITD75J FAITD75J FAITD2 |
8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Regulator; Features: Medium current output; Note: Isolation package; Comments: 60V load dump; V OUT (%): (max /-3) Regulator; Features: Low current output; Note: Radial tape packing for automatic mounting; Comments: 60V load dump; V OUT (%): (max /-10) Regulator; Features: Low current output; Note: Surface-mount PW-MOLD(SOT-89) package; Comments: 60V load dump; V OUT (%): (max /-10) Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: DIP4; Surface Mount Type: Y/N; Number of Pins: 4; Trigger LED Current Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.0A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 27V (30V); Io (lpeak): 1A (2A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP10; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: HSOP16; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 18V (25V); Io (lpeak): 1A (3A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP7; RoHS Compatible: yes Series Regulators; Surface Mount Type: Y; Package: New PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: Medium current output; Note: Surface-mount PW-MOLD package 逻辑IC Logic IC 逻辑IC
|
Bourns, Inc. Thomas
|
BA5813FM |
5 Channel Drivers/Regulator for car Mini Disk Optical Disc LSIs > Motor/Actuator driver > CD/CD-ROM driver(5ch,6ch)
|
List of Unclassifed Manufacturers ROHM
|
KTA1552T |
DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION.
|
KEC[KEC(Korea Electronics)]
|
KTC3535T |
RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION
|
KEC[KEC(Korea Electronics)]
|
DG184BP DG187BA DG187BP DG184AP DG184AP_883B DG191 |
High-Speed Drivers with JFET Switch ER 24C 24#16 SKT RECP WALL GT 5C 5#16S SKT PLUG AB 24C 24#16 SKT RECP LED 3MM SUP RED 6LDS REAR PNLMT High-Speed Drivers with JFET Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, CDIP14 GT 5C 5#16S PIN PLUG 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, MBCY10 High-Speed Drivers with JFET Switch DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, MBCY10 High-Speed Drivers with JFET Switch DUAL 2-CHANNEL, DBL POLE SGL THROW SWITCH, CDIP16
|
Vishay Siliconix INTERSIL[Intersil Corporation] TEMIC Semiconductors Intersil, Corp.
|
ISL97694A |
(ISL97692 - ISL97694A) Single Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
|
Intersil
|
BD6066EKN |
White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
|
Rohm
|
BD60A60NUX |
White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
|
Rohm
|
BD8112EFV-M BD8112EFV-M11 |
White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
|
Rohm
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
EL7202CN EL7202CS EL7202CS-T13 EL7202CS-T7 EL7202C |
High Speed, Dual Channel Power MOSFET Drivers 2 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX626-TSC428 TSC426CBA TSC426CPA TSC426MJA TSC427 |
Dual Power MOSFET Driver 双电源MOSFET驱动 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 20-LCCC -55 to 125 30V N-Channel PowerTrench MOSFET Dual Power MOSFET Drivers Dual-Power MOSFET Drivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|