PART |
Description |
Maker |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
U352000MD |
USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
|
Tripp Lite. All Rights ...
|
AT83C24B-TIRIL AT83C24NDS-TIRIL AT83C24B-TIRIM AT8 |
Smart Card Reader Interface with Power Management
|
ATMEL Corporation
|
AT83C26-RKTUL AT83C26 AT83C26-PLRUL AT83C26-PLTEL |
SMART CARD READER INTERFACE WITH POWER MANAGEMENT
|
ATMEL[ATMEL Corporation]
|
73S1210F-68IM/F 73S1210F-68IM/F/P 73S1210F-68IMR/F |
Self-Contained Smart Card Reader with PINpad and Power Management
|
Teridian Semiconductor Corporation
|
73S1209F |
Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor
|
73S1209F-68IM/F 73S1209F-68IMR/F 73S1209F-44IMR/F |
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor Corporation
|
GL813 |
USB 2.0 CompactFlash Card Reader Controller
|
Genesys Logic ETC
|
GL816 |
USB 2.0 Flash Card Reader Controller
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
73S1209F-44M/F/PC 73S1209F-44MR/F/PC 73S1209F-44MR |
Self-Contained PINpad, Smart Card Reader IC UART-to-ISO 7816/EMV Bridge IC
|
MAXIM - Dallas Semiconductor
|