PART |
Description |
Maker |
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
E28F004S5-85 E28F004S5-120 28F016S5 28F008S5 E28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 12V/5V Input Buck PWM Controller Evaluation Kit/Evaluation System for the MAX5946A, MAX5946L BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 85 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
LFEC15E-4F256C LFEC15E-4F256I LFEC15E-4F484C LFEC1 |
LatticeEC family of FPGA. LatticeECP family of FPGA.
|
Lattice Semiconductor
|
EP20K100EQ EP20K100QC EP20K100EQC240-2 |
Apex 20KE Device Family (1.8V, LVDS Apex 20K Device Family (2.5V)
|
ALTERA
|
EP1K30 EP1K100 EP1K30QC208-3 EP1K30QC208-2 EP1K30Q |
From old datasheet system Programmable Logic Family Simple PLD - Datasheet Reference Programmable Logic Device Family
|
ETC[ETC] Altera Corp
|
24AA512-I/OT 24LC512-I/OT 24AA512T-EP 24LC512T-EP |
I2CSerial EEPROM Family Data Sheet ⑩的I2C串行EEPROM系列数据手册 I2C??Serial EEPROM Family Data Sheet
|
Microchip Technology Inc. Microchip Technology, Inc.
|
ADSP-21062LKB-160 ADSP-21062KB-160 ADSP-21062CS-16 |
ADSP-2106x SHARC DSP Microcomputer Family Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 33.33 MHz, OTHER DSP, PQFP240
|
Analog Devices, Inc.
|
HAL115SF-C HAL114SF-C HAL11X HAL115SF-K HAL114SF-K |
Hall Effect Sensor Family 霍尔效应传感器系 Hall Effect Sensor Family MAGNETIC FIELD SENSOR-HALL EFFECT, -17-11mT, 0.13-0.28V, RECTANGULAR, SURFACE MOUNT
|
Micronas Semiconductor Holding AG
|
FM1008-200DC FM1008-200SC FM1008-200PC FMX1308-200 |
1024-16384-bit nonvolatile static RAM family 1024-16384-bit nonvlatile static ram family NVRAM (Ferroelectric Based) NVRAM中(基于铁电
|
Ramtron International Corp. Ramtron International, Corp.
|