PART |
Description |
Maker |
ADSP-2185MKST-300 ADSP-2185M ADSP-2185MKST-300R AD |
DSP Microcomputer 24-BIT, 33 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 METRIC, PLASTIC, TQFP-100 ADSP-2185M: 16-bit. 75 MIPS. 2.5v. 2 serial ports. host port. 80 KB RAM Data Sheet (Rev. 0. 10/00)
|
Analog Devices, Inc.
|
ADSP-2186MBST-266 ADSP-2186MKST-300 ADSP-2186MKCA- |
16-Bit, 75 MIPS, 2.5V, 2 Serial Ports, Host Port, 40 KB RAM DSP Microcomputer
|
AD[Analog Devices]
|
ADSP-2185M ADSP-2185MKST-300 ADSP-2185MBST-266 ADS |
16-bit, 75 MIPS, 2.5v, 2 serial ports, host port, 80 KB RAM DSP Microcomputer
|
AD[Analog Devices]
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
AT572D740 |
Dual CPU Processor with integrated mAgic VLIW DSP and an ARM7TDMI™ RISC MCU. The DSP operates on a 32-bit integer and IEEE ... DIOPSIS 740 Dual Core DSP
|
ATMEL[ATMEL Corporation]
|
CS497004-CQZ CS497004-CQZR |
DSP - Audio 32-Bit HD Audio Decoder DSP SPECIALTY CONSUMER CIRCUIT, PQFP144 DSP - Audio I/C 32-bit HD Audio Decoder DSP
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
ADSP2192M |
DSP Microcomputer
|
Analog Devices
|
ADSP-2189MKST-300 ADSP-2189MBST-266 ADSP-2189MBSTZ |
DSP Microcomputer
|
Analog Devices, Inc.
|