PART |
Description |
Maker |
AD8305 AD8305ACP AD8305ACP-REEL7 AD8305-EVAL AD830 |
100 dB-range (10nA-1mA) Logarithmic Converter 100 dB Range (10 nA to 1 mA) Logarithmic Converter
|
AD[Analog Devices]
|
LTC6247IKCTRMPBF LTC6247IKCTRPBF LTC6247CKC LTC624 |
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 10-Lead MSOP, Temperature Range: 0°C to 70°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO10 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead MSOP, Temperature Range: 0°C to 70°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8 180MHz, 1mA Power Efficient Single Rail-to-Rail I/O Op Amps, 6-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO6 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
BP5086A20S |
AC100V input, output-1 :4V/1mA, output-2 : 20V/160mA AC100V输入,输4V/1mA,输0V/160mA
|
Rohm Co., Ltd. ROHM[Rohm]
|
EL2170 EL2170CS-T13 EL2170CS-T7 EL2170CW-T3 EL2170 |
Op Amp, 70MHz, 1mA Low Power, Current Feedback, 100mA Drive Op Amp, Quad 70MHz, 1mA Low Power, Current Feedback, 55mA Drive 70MHz/1mA Current Mode Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
Intersil Corporation Intersil, Corp.
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
MAX3222E03 MAX3232ECUP MAX3232EEAE MAX3241ECAI MAX |
隆戮15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products http:// Maxim Integrated Produc...
|
MAX3222ECWN-T MAX3222ECUP-T MAX3232ECUP-T |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO18 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO20
|
Maxim Integrated Products, Inc.
|
ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237 |
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
AD8013AR-14-REEL AD8013AR-14-REEL7 AD8013AN AD8013 |
RECTIFIER SCHOTTKY DUAL 30A 45V 275A-ifsm 0.55V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY DUAL 30A 50V 275A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE Single Supply, Low Power, Triple Video Amplifier RECTIFIER SCHOTTKY DUAL 30A 40V 275A-ifsm 0.55V-vf 1mA-ir TO-3P 30/TUBE Single Supply/ Low Power/ Triple Video Amplifier 3 CHANNEL, VIDEO AMPLIFIER, PDIP14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
AM55-0024RTR AM55-0024TR |
100-400 MHz, Hi dyn range 2 channel IF amplifier with power control Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz Hi Dyn Range 2 Channel IF Amp with Power Control/ 100 - 400 MHz
|
MA-Com Tyco Electronics
|
DN6849 DN6849S DN6849SE DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100∑C, Operating in Alternative Magnetic Field) SPECIALTY ANALOG CIRCUIT, PSIP3 Hall IC(Operating Temperature Range Topr = - 40 to -100∑C, Operating in Alternative Magnetic Field) SPECIALTY ANALOG CIRCUIT, PDSO4 Hall IC(Operating Temperature Range Topr = - 40 to -100°C, Operating in Alternative Magnetic Field)
|
Panasonic, Corp. Panasonic Semiconductor http://
|
|