PART |
Description |
Maker |
PO38 |
Bipolar PNP Device in a Hermetically sealed TO39 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 500MA I(C) | TO-39
|
Seme LAB
|
MJ8100 |
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package. 5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd. Seme LAB
|
2N2696 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA Bipolar PNP Device in a Hermetically sealed TO18 Metal
|
SEMELAB LTD Seme LAB
|
BDX94 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
SF_MJ490 2N5613 2N6226 BDW52 BDX86 BDX88B MJ490 MJ |
Bipolar PNP Device
|
SEME-LAB[Seme LAB]
|
CV7673 SFCV7673 SF_CV7673 |
Bipolar PNP Device
|
SemeLAB SEME-LAB[Seme LAB]
|
SFMJ4646 |
Bipolar PNP Device
|
Seme LAB
|
SF2N5333 2N5333 |
Bipolar PNP Device
|
SemeLAB
|
2N3791SMD |
Bipolar PNP Device in a Hermetically sealed
|
Seme LAB
|
2N3868SMD05-JQRR4 2N3868SMD05 |
Bipolar PNP Device in a Hermetically sealed 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|